Part Number Hot Search : 
EZ480A12 OCH2548T FX6ASH2 NCP1582 70000 64GA108 FX6ASH06 D706AN
Product Description
Full Text Search
 

To Download 1N4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N4148
Low Current Leakage Metalurgically Bonded Construction Low Cost
500mW 100 Volt Silicon Epitaxial Diode
* * *
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Maximum Thermal Resistance; 35 C/W Junction To Ambient
DO-35
Electrical Characteristics @ 25C Unless Otherwise Specified
Reverse Voltage Peak Reverse Voltage Average Rectified Current Power Dissipation Junction Temperature Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Reverse Recovery Time VR VRM IO PTOT TJ IFSM 75V 100V 150mA 500mW 200C Resistive Load f > 50Hz
D
A Cathode Mark B
D
500mA
t<1s
C
IFM = 10mA; TJ = 25C* VR=20Volts 25nA IR TJ = 25C 50A TJ = 150C 5uA VR=75Volts CJ 4pF Measured at 1.0MHz, VR=4.0V Trr 4nS IF=10mA VR = 6V RL=100 *Pulse test: Pulse width 300 sec, Duty cycle 2% VF
1.0V
DIMENSIONS INCHES MIN ------1.000 MM MIN ------25.40
DIM A B C D
MAX .166 .079 .020 ---
MAX 4.2 2.00 .52 ---
NOTE
www.mccsemi.com
1N4148
Figure 1 Typical Forward Characteristics 20 10 6 4 500 2 MilliAmps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 100 400 600
MCC
Figure 2 Forward Derating Curve
300 MilliWatts 200
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Admissable Power Dissipation - MilliWattsversus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
10 6 4 2 pF 1 .6 .4 .2 .1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
1N4148
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 10 NanoAmps 6 4 2 1 .6 .4 .2 .1 20 40 60 TJ Instantaneous Reverse Leakage Current - NanoAmperes versus Junction Temperature - C 80 100 120 140 TA=25C 100 0 1 4 6 MilliAmps 600 500 400 300 200
MCC
Figure 5 Peak Forward Surge Current
2
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X